Electronic Components Datasheet Search
  English  ▼

X  

AS1124 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
11
 
POWER FEED ALTERNATIVES FOR
10/100 ETHERNET SYSTEMS
Figure 14 illustrates the two power feed options allowed in
the 802.3af standard for 10/100 systems. In Alternative A,
a PSE powers the end station by feeding power along the
twisted pair cable used for the 10/100 Ethernet signal via
the center taps of Ethernet transformers. On the line side
of the transformers for the PD, power is delivered through
pins 1 and 2 and returned through pins 3 and 6. In
Alternative B, a PSE powers the end station by feeding
power through the cable pairs not used for 10/100 data
transmission. Power is delivered through pins 4, 5, 7and 8
without transformers.
Figure 14 – IEEE® Std. 802.3af-2003 Power Schemes for 10/100 Systems
The IEEE® Std. 802.3af-2003 is intended to be fully
compliant with all existing non- powered Ethernet
systems. As a result, the PSE is required to detect via
a well-defined procedure whether or not the connected
device is PD compliant and classifies the needed
power prior to applying power to the system. Maximum
allowed voltage is 57V to stay within SELV (Safety
Extra Low Voltage) limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com