Electronic Components Datasheet Search
  English  ▼

X  

AS1124 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AS1124
Description  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
16
 
Thermal
De-rating
and
Board
Layout
Considerations
The AS1124 package uses an integral thermal pad to help
dissipate heat from the switch and diode bridge. In higher
power applications, designers must consider thermal
design as an integral part of their systems design and
remove heat via this pad.
Under 802.3af power considerations, the As1124 is
capable
of
operating
to
industrial
ambient
air
temperatures, or 85C.
Under increased power, the
operating temperature must be de-rated according to
Figure 6.
The limits for the power de-rating are a max TJ(MAX)=145°C
and a ΘJA=31°C/W, which is achievable in the JEDEC
airflow environment by the 20-pin 5x5mm QFN package.
Figure 18 – Thermal de-rating for high power operation
For adequate heat dissipation, the board layout must
include a ground pad which accomplishes both the ground
connection and dissipates the heat energy generated by
the PD. Thermal vias are used to draw heat away from the
PD package and to transfer it to the backside of the
system PCB
A typical PCB layout for the AS1124 is shown in Figure 19
below.
Figure 17 – AS1124 PCB Footprint
AS1124 PCB Footprint
Thermal Vias
0.31 mm dia.
1.27 mm pitch
9 places
3.80 mm
3.80 mm
0.65 mm
0.4
mm
0.5 mm
0.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com