Electronic Components Datasheet Search
  English  ▼

X  

EMB2FHA Datasheet(PDF) 2 Page - Rohm

Part # EMB2FHA
Description  General purpose (Dual digital transistor)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB2FHA Datasheet(HTML) 2 Page - Rohm

  EMB2FHA Datasheet HTML 1Page - Rohm EMB2FHA Datasheet HTML 2Page - Rohm EMB2FHA Datasheet HTML 3Page - Rohm EMB2FHA Datasheet HTML 4Page - Rohm EMB2FHA Datasheet HTML 5Page - Rohm EMB2FHA Datasheet HTML 6Page - Rohm EMB2FHA Datasheet HTML 7Page - Rohm EMB2FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EMB2 FHA
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40 to 10
V
Output current
IO
-30
mA
Collector current
IC(MAX)*1
-100
mA
Power dissipation
PD*2*3
150
mW/TOTAL
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -2mA
-3.0
-
-
Output voltage
VO(on)
IO = -10mA, II = -0.5mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-180
μA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -5V, IO = -5mA
68
-
-
-
Input resistance
R1
-
32.9
47
61.1
kΩ
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20161012 - Rev.001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com