Electronic Components Datasheet Search
  English  ▼

X  

EMB2FHA Datasheet(PDF) 1 Page - Rohm

Part # EMB2FHA
Description  General purpose (Dual digital transistor)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB2FHA Datasheet(HTML) 1 Page - Rohm

  EMB2FHA Datasheet HTML 1Page - Rohm EMB2FHA Datasheet HTML 2Page - Rohm EMB2FHA Datasheet HTML 3Page - Rohm EMB2FHA Datasheet HTML 4Page - Rohm EMB2FHA Datasheet HTML 5Page - Rohm EMB2FHA Datasheet HTML 6Page - Rohm EMB2FHA Datasheet HTML 7Page - Rohm EMB2FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EMB2 FHA
General purpose (Dual digital transistor)
Datasheet
AEC-Q101 Qualified
l
lOutline
Parameter
DTr1 and DTr2
SOT-563
 
VCC
-50V
SC-107C
 
 
IC(MAX.)
-100mA
 
 
 
 
R1
47kΩ
 
 
R2
47kΩ
EMT6
 
                     
l
lFeatures
l
lInner circuit
1)Two DTA144E chips in a EMT6 package.
2)Mounting possible with EMT3 automatic
  mounting machines.
3)Transistor elements are independent,
  eliminating interference.
4)Mounting cost and area can be cut in half.
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMB2 FHA
SOT-563
(EMT6)
1616
T2R
180
8
8000
B2
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20161012 - Rev.001


Similar Part No. - EMB2FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB2FHA ROHM-EMB2FHA Datasheet
987Kb / 7P
General purpose (Dual digital transistor)
EMB2FHAT2R ROHM-EMB2FHAT2R Datasheet
987Kb / 7P
General purpose (Dual digital transistor)
More results

Similar Description - EMB2FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
General purpose Dual digital transistor
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
General purpose (dual digital transistor)
EMB4FHA ROHM-EMB4FHA Datasheet
972Kb / 7P
General purpose (Dual digital transistor)
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
General purpose (Dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com