Electronic Components Datasheet Search
  English  ▼

X  

DS1075 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1075
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1075 Datasheet HTML 3Page - Dallas Semiconductor DS1075 Datasheet HTML 4Page - Dallas Semiconductor DS1075 Datasheet HTML 5Page - Dallas Semiconductor DS1075 Datasheet HTML 6Page - Dallas Semiconductor DS1075 Datasheet HTML 7Page - Dallas Semiconductor DS1075 Datasheet HTML 8Page - Dallas Semiconductor DS1075 Datasheet HTML 9Page - Dallas Semiconductor DS1075 Datasheet HTML 10Page - Dallas Semiconductor DS1075 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1075
7 of 18
Figure 5
Figure 6
SELECT TIMING
If the PDN bit is set to “0”, the PDN / SELX pin can be used to switch between the internal oscillator and
an externalor crystal reference. The “Enabling Sequencer” is again employed to ensure this transition
occurs in a glitch-free fashion. Two asynchronous clock signals are involved, INTCLK is the internal
reference oscillator divided by one or whatever value of M is selected. EXTCLK is the clock signal fed
into the OSCIN pin, or the clock resulting from a crystal connected between OSCIN and XTAL. The
behavior of OUT0 is described in the following paragraphs, the OUT pin will behavior similarly but will
be divided by N.
FROM INTERNAL TO EXTERNAL CLOCK
This is accomplished by a high to low transition on the SELX pin. This transaction is detected on the
falling edge of INTCLK. The output OUT0 will be held low for a minimum of half the period of
INTCLK (tI/2), then if EXTCLK is low it will be routed through to OUT0. If EXTCLK is high the
switching will not occur until EXTCLK returns to a low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com