Electronic Components Datasheet Search
  English  ▼

X  

DS1075 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1075
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1075 Datasheet HTML 8Page - Dallas Semiconductor DS1075 Datasheet HTML 9Page - Dallas Semiconductor DS1075 Datasheet HTML 10Page - Dallas Semiconductor DS1075 Datasheet HTML 11Page - Dallas Semiconductor DS1075 Datasheet HTML 12Page - Dallas Semiconductor DS1075 Datasheet HTML 13Page - Dallas Semiconductor DS1075 Datasheet HTML 14Page - Dallas Semiconductor DS1075 Datasheet HTML 15Page - Dallas Semiconductor DS1075 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DS1075
12 of 18
TRANSACTION SEQUENCE
The sequence for accessing the DS1075 via the 1-Wire port is as follows:
Initialization
Function Command
Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by a presence pulse(s) transmitted by the
DS1075. The presence pulse lets the bus master know that the DS1075 is present and is ready to operate.
Figure 13
FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four function commands. All
Function Commands are eight bits long, and are written lsb first. A list of these commands follows:
Write DIV Register [01H]
This command allows the bus master to write to the DS1075’s DIV register.
Read DIV Register [A1H]
This command allows the bus master to read the DS1075’s DIV register.
Write MUX Register [02H]
This command allows the bus master to write to the DS1075’s MUX register.
Read MUX Register [A2H]
This command allows the bus master to read the DS1075’s MUX register.
TRANSACTION/DATA
Immediately following the Function Command, the nine data bits are written to or read from the DS1075.
This data is written/read lsb first. The following diagrams illustrate the timing. Once data transfer is
complete a new transaction sequence can be started by re-initializing the device. Therefore to program
both the DIV and MUX registers two complete transaction sequences are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com