Electronic Components Datasheet Search
  English  ▼

X  

DS1868 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1868
Description  Dual Digital Potentiometer Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1868 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1868 Datasheet HTML 1Page - Dallas Semiconductor DS1868 Datasheet HTML 2Page - Dallas Semiconductor DS1868 Datasheet HTML 3Page - Dallas Semiconductor DS1868 Datasheet HTML 4Page - Dallas Semiconductor DS1868 Datasheet HTML 5Page - Dallas Semiconductor DS1868 Datasheet HTML 6Page - Dallas Semiconductor DS1868 Datasheet HTML 7Page - Dallas Semiconductor DS1868 Datasheet HTML 8Page - Dallas Semiconductor DS1868 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
100899
FEATURES
§ Ultra-lowpower consumption, quiet, pumpless
design
§ Two digitally controlled, 256-position
potentiometers
§ Serial port provides means for setting and
reading both potentiometers
§ Resistors can be connected in series to
provide increased total resistance
§ 20-pin TSSOP, 16-pin SOIC, and 14-pin DIP
packages are available.
§ Resistive elements are temperature
compensated to
±0.3 LSB relative linearity
§ Standard resistance values:
-
DS1868-10
∼10 kΩ
-
DS1868-50
∼50 kΩ
-
DS1868-100
∼100 kΩ
§ +5V or ±3V operation
§ Operating Temperature Range:
-
Industrial: -40°C to 85°C
PIN ASSIGNMENT
PIN DESCRIPTION
L0, L1
- Low End of Resistor
H0, H1
- High End of Resistor
W0, W1
- Wiper Terminal of Resistor
SOUT
- Stacked Configuration Output
RST
- Serial Port Reset Input
DQ
- Serial Port Data Input
CLK
- Serial Port Clock Input
COUT
- Cascade Port Output
VCC
- +5 Volt Supply
GND
- Ground Connections
NC
- No Internal Connection
VB
- Substrate Bias Voltage
DNC
- Do Not Connect
*All GND pins must be connected to ground.
DESCRIPTION
The DS1868 Dual Digital Potentiometer Chip consists of two digitally controlled solid-state
potentiometers. Each potentiometer is composed of 256 resistive sections. Between each resistive section
and both ends of the potentiometer are tap points which are accessible to the wiper. The position of the
DS1868
Dual Digital Potentiometer Chip
www.dalsemi.com
20-Pin TSSOP (173-mil)
VB
DNC
H1
L1
W1
RST
CLK
DNC
DNC
GND
VCC
DNC
DNC
SOUT
W0
H0
L0
COUT
DNC
DQ
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
DS1868S 16-Pin SOIC (300-mil)
VB
NC
H1
L1
W1
RST
CLK
GND
VCC
NC
SOUT
W0
H0
L0
COUT
DQ
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
14-Pin DIP (300-mil)
VB
H1
L1
W1
RST
CLK
VCC
SOUT
W0
H0
L0
COUT
14
13
12
11
10
8
1
2
3
4
5
7
DQ
GND
9
6


Similar Part No. - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
Dual Digital Potentiometer Chip
100899
logo
Dallas Semiconductor
DS1868-10 DALLAS-DS1868-10 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1868-100 DALLAS-DS1868-100 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1868-50 DALLAS-DS1868-50 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
More results

Similar Description - DS1868

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1267 DALLAS-DS1267 Datasheet
312Kb / 12P
Dual Digital Potentiometer Chip
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
Dual Digital Potentiometer Chip
102199
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1868 MAXIM-DS1868 Datasheet
279Kb / 14P
Dual Digital Potentiometer Chip
100899
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com