Electronic Components Datasheet Search
  English  ▼

X  

DS1868 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1868
Description  Dual Digital Potentiometer Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1868 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1868 Datasheet HTML 6Page - Dallas Semiconductor DS1868 Datasheet HTML 7Page - Dallas Semiconductor DS1868 Datasheet HTML 8Page - Dallas Semiconductor DS1868 Datasheet HTML 9Page - Dallas Semiconductor DS1868 Datasheet HTML 10Page - Dallas Semiconductor DS1868 Datasheet HTML 11Page - Dallas Semiconductor DS1868 Datasheet HTML 12Page - Dallas Semiconductor DS1868 Datasheet HTML 13Page - Dallas Semiconductor DS1868 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DS1868
14 of 14
DS1868 20-PIN TSSOP
DIM
MIN
MAX
A MM
-
1.10
A1 MM
0.05
-
A2 MM
0.75
1.05
C MM
0.09
0.18
L MM
0.50
0.70
e1 MM
0.65 BSC
B MM
0.18
0.30
D MM
6.40
6.90
E MM
4.40 NOM
G MM
0.25 REF
H MM
6.25
6.55
phi
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com