Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC10LITE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT64LC10LITE13
Description  1K/2K/4K-Bit SPI Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10LITE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT64LC10LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Discontinued
Parts
8
CAT64LC10/20/40
Doc. No. 1021, Rev. C
WRITE cycle. The RDY/
BSY pin will output the BUSY
status (LOW) one tSV after the rising edge of the 32nd
clock (the last data bit) and will stay LOW until the write
cycle is complete. Then it will output a logical “1” until the
next WRITE cycle. The RDY/
BSY output is not affected
by the input of
CS.
An alternative to get RDY/
BSY status is from the DO pin.
During a write cycle, asserting a LOW input to the
CS pin
will cause the DO pin to output the RDY/
BSY status.
Bringing
CS HIGH will bring the DO pin back to a high
impedance state again. After the device has completed
a WRITE cycle, the DO pin will output a logical “1” when
the device is deselected. The rising edge of the first “1”
input on the DI pin will reset DO back to the high
impedance state again.
The WRITE operation can be halted anywhere in the
operation by the RESET input. If a RESET pulse occurs
during a WRITE operation, the device will abort the
operation and output a READY status.
NOTE: Data may be corrupted if a RESET occurs while
the device is
BUSY. If the reset occurs before the BUSY
period, no writing will be initiated. However, if RESET
occurs after the
BUSY period, new data will have been
written over the old data.
Figure 6. RESET During
BUSY
BUSY
BUSY
BUSY
BUSY Instruction Timing
Figure 7. EWEN Instruction Timing
5064 FHD F09
* Please check instruction set table for address
SK
DI
CS
DO
RESET
10100100
ADDRESS*
D15
D0
tWR
RDY/
BUSY
SK
DI
CS
DO
RESET
10100011
HIGH-Z
HIGH
RDY/
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com