Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC10LITE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT64LC10LITE13
Description  1K/2K/4K-Bit SPI Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10LITE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT64LC10LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT64LC10LITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Discontinued
Parts
9
CAT64LC10/20/40
Doc. No. 1021, Rev. C
RESET
The RESET pin, when set to HIGH, will reset or abort a
WRITE operation. When RESET is set to HIGH while the
WRITE instruction is being entered, the device will not
execute the WRITE instruction and will keep DO in High-
Z condition.
When RESET is set to HIGH, while the device is in a
clear/write cycle, the device will abort the operation and
will display READY status on the RDY/
BSY pin and on
the DO pin if
CS is low.
The RESET input affects only the WRITE and WRITE
ALL operations. It does not reset any other operations
such as READ, EWEN and EWDS.
ERASE/WRITE ENABLE and DISABLE
The CAT64LC10/20/40 powers up in the erase/write
disabled state. After power-up or while the device is in an
erase/write disabled state, any write operation must be
preceded by an execution of the EWEN instruction.
Once enabled, the device will stay enabled until an
EWDS has been executed or a power-down has occured.
The EWDS is used to prevent any inadvertent over-
writing of the data. The EWEN and EWDS instructions
have no affect on the READ operation and are not
affected by the RESET input.
Figure 8. EWDS Instruction Timing
SK
DI
CS
DO
RESET
10100000
HIGH-Z
HIGH
RDY/
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com