Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 3 Page - NEC

Part # PS8101
Description  NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101 Datasheet(HTML) 3 Page - NEC

  PS8101 Datasheet HTML 1Page - NEC PS8101 Datasheet HTML 2Page - NEC PS8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PS8101
(Top View)
OUTLINE DIMENSIONS (Units in mm)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
3.4
+0.3
-0.1
53
12
4
0.25
1.27
0.4
+0.10
-0.05
M
7.0±0.3
4.4
0.5±0.3
PS8101
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
MARKING
No. 1 pin Mark
Initial of NEC
(Engraved mark)
8101
N234
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
2
34
Assembly Lot
N
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
12/22/2004



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com