Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 1 Page - NEC

Part # PS8101
Description  NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101 Datasheet(HTML) 1 Page - NEC

  PS8101 Datasheet HTML 1Page - NEC PS8101 Datasheet HTML 2Page - NEC PS8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's HIGH NOISE REDUCTION
HIGH SPEED ANALOG OUTPUT
5 PIN SOP OPTOCOUPLER
PS8101
FEATURES
•
HIGH COMMON MODE TRANSISENT IMMUNITY:
CMH,CML: ±10 kV/µs MIN
•
HIGH ISOLATION VOLTAGE:
BV: 2500 Vr.m.s.
•
HIGH SUPPLY VOLTAGE:
VCC = 35 V
•
HIGH SPEED RESPONSE:
tPHL = 0.8 µs MAX, tPLH = 1.2 µs MAX
•
AVAILABLE IN TAPE AND REEL:
PS8101-F3, F4
DESCRIPTION
NEC's PS8101 is an optically coupled isolator containing a
GaAIAs LED on the light emitting diode (input) side and a PIN
photodiode and a high speed amplifier transistor on the output
side on one chip. Its small package makes it ideal for high
density circuits and applications.
APPLICATIONS
•
COMPUTERS AND PERIPHERALS MANUFACTURES
•
GENERAL PURPOSE INVERTER
•
POWER SUPPLIES
•
RELAY AND PULSE TRANSFORMER
REPLACEMENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 16 mA
V
1.7
2.2
IR
Reverse Current, VR = 3 V
µA10
∆VF/∆T
Forward Voltage Temp. Coefficient, IF = 16 mA
mV/°C
-1.6
Ct
Terminal Capacitance, V = 0 V, f = 1.0 MHz
pF
60
IOH(1)
High Level Output Current
nA
3
500
IF = 0 mA, VCC = VO = 5.5 V
IOH(2)
High Level Output Current
µA100
IF = 0 mA, VCC = VO = 30 V
VOL
Low Level Output Voltage
V
0.1
0.4
IF = 16 mA, VCC = 4.5 V, LO = 1.2 mA
ICCL
Low Level Supply Current
µA50
IF = 16 mA, VO = Open, VCC = 30 V
ICCH
High Level Supply Current
µA
0.01
2
IF = 0 mA, VO = Open, VCC = 30 V
PART NUMBER
PS8101
CTR
Current Transfer Ratio, IF= 16 mA, VCC = 4.5 V, VO = 0.4 V
%
15
20
35
RI-O
Isolation Resistance, V IN-OUT = 1k VDC, RH = 40 to 60 %
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.4
tPHL
Propagation Delay Time, (High → Low)1
µs
0.5
0.8
IF = 16 mA, VCC = 5 V, RL = 2.2 k Ω, CL = 15 pF
tPLH
Propagation Delay Time, (Low → High)1
µs
0.6
1.2
IF= 16 mA, VCC = 5 V, RL = 2.2 k Ω, CL = 15 pF
CMH
Common Mode Transient Immunity at High Level Output2
kV/µs10
IF= 0 mA, VCC = 5 V, RL = 4.1 k Ω, VCM = 1.5 kV
CML
Common Mode Transient Immunity at Low Level Output 2
kV/µs
-10
IF= 16 mA, VCC = 5 V, RL = 4.1 k Ω, VCM = 1.5 kV
CON'T ON NEXT PAGE.
California Eastern Laboratories
ESD SENSITIVE
NOTES:
1. CTR rank
K: 20 to 35 (%)
N: 10 to 35 (%)
PRELIMINARY DATA SHEET


Similar Part No. - PS8101

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
PS8101 RENESAS-PS8101 Datasheet
258Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
429Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101

ManufacturerPart #DatasheetDescription
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PS9661 NEC-PS9661 Datasheet
2Mb / 8P
NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com