Electronic Components Datasheet Search
  English  ▼

X  

DS1961S Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1961S
Description  1kb Protected EEPROM iButton With SHA-1 Engine
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1961S Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1961S Datasheet HTML 1Page - Dallas Semiconductor DS1961S Datasheet HTML 2Page - Dallas Semiconductor DS1961S Datasheet HTML 3Page - Dallas Semiconductor DS1961S Datasheet HTML 4Page - Dallas Semiconductor DS1961S Datasheet HTML 5Page - Dallas Semiconductor DS1961S Datasheet HTML 6Page - Dallas Semiconductor DS1961S Datasheet HTML 7Page - Dallas Semiconductor DS1961S Datasheet HTML 8Page - Dallas Semiconductor DS1961S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
DS1961S
4 of 36
Figure 2. HIERARCHICAL STRUCTURE FOR 1-WIRE PROTOCOL
1-Wire Net
Other
Devices
Bus
Master
DS1961S
Available
Commands:
Command
Level:
Data Field
Affected:
1-Wire ROM Function
Commands (See Figure 9)
DS1961S-Specific
Memory Function
Commands (See Figure 7)
Read ROM
Match ROM
Search ROM
Skip ROM
Resume
Overdrive Skip
Overdrive Match
64-bit Reg. #, RC-Flag
64-bit Reg. #, RC-Flag
64-bit Reg. #, RC-Flag
RC-Flag
RC-Flag
64-bit Reg. #, RC-Flag, OD-Flag
64-bit Reg. #, RC-Flag, OD-Flag
Write Scratchpad
Read Scratchpad
Load First Secret
Compute Next Secret
Copy Scratchpad
Read Authenti-
cated Page
Read Memory
Refresh Scratchpad
64-bit Scratchpad, Flags
64-bit Scratchpad
Secret, Flags; Data Memory (after
Refresh Scratchpad)
Secret, Data Memory, Scratchpad
Data Memory or Register Page,
Secret, Flags, 64-Bit Reg. #,
Data Memory, Secret, 64-bit Reg. #,
3-Byte Challenge in Scratchpad
Data Memory, Register Page, Reg. #
64-bit Scratchpad, Data Memory,
Flags
Figure 3. 64-BIT LASERED ROM
MSB
LSB
8-Bit CRC Code
48-Bit Serial Number
8-Bit Family Code (33h)
MSB
LSB MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com