Electronic Components Datasheet Search
  English  ▼

X  

DS1961S Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1961S
Description  1kb Protected EEPROM iButton With SHA-1 Engine
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1961S Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1961S Datasheet HTML 1Page - Dallas Semiconductor DS1961S Datasheet HTML 2Page - Dallas Semiconductor DS1961S Datasheet HTML 3Page - Dallas Semiconductor DS1961S Datasheet HTML 4Page - Dallas Semiconductor DS1961S Datasheet HTML 5Page - Dallas Semiconductor DS1961S Datasheet HTML 6Page - Dallas Semiconductor DS1961S Datasheet HTML 7Page - Dallas Semiconductor DS1961S Datasheet HTML 8Page - Dallas Semiconductor DS1961S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DS1961S
5 of 36
Figure 4. 1-WIRE CRC GENERATOR
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
Polynomial = X
8 + X5 + X4 + 1
1st
STAGE
2nd
STAGE
3rd
STAGE
4th
STAGE
6th
STAGE
5th
STAGE
7th
STAGE
8th
STAGE
INPUT DATA
MEMORY MAP
The DS1961S has four memory areas: data memory, secrets memory, register page with special function
registers and user-bytes, and a scratchpad. The data memory is organized in pages of 32 bytes. Secret,
register page, and scratchpad are 8 bytes each. The scratchpad acts as a buffer when writing to the data
memory, loading the initial secret or when writing to the register page.
Data memory, secrets memory, and the register page are located in a linear address space, as shown in
Figure 5. The data memory and the register page have unrestricted read access. Writing to the data
memory and the register page requires knowledge of the secret.
Figure 5. DS1961S MEMORY MAP
ADDRESS RANGE
DESCRIPTION
NOTE
0000h to 001Fh
Data Memory Page 0
No Write-Access Without Secret
0020h to 003Fh
Data Memory Page 1
No Write-Access Without Secret
0040h to 005Fh
Data Memory Page 2
No Write-Access Without Secret
0060h to 007Fh
Data Memory Page 3
No Write-Access Without Secret
0080h to 0087h
Secrets Memory
No Read Access; No Secret Needed for
Write Access
0088h
1)
Write-Protect Secret, 008Ch to 008Fh
Protection Activated by Code AAh or 55h
0089h
1)
Write-Protect Pages 0 to 3
Protection Activated by Code AAh or 55h
008Ah
1)
User Byte, Self-Protecting
Protection Activated by Code AAh or 55h
008Bh
Factory Byte (Read Only)
Reads Either AAh or 55h; See Text
008Ch
1)
User Byte/EPROM Mode Control for
Page 1
Mode Activated by Code AAh or 55h
008Dh
1)
User Byte/Write-Protect Page 0 Only
Protection Activated by Code AAh or 55h
008Eh to 008Fh
User Bytes/Manufacturer ID
Function Depends on Factory Byte
0090h to 0097h
64-Bit Identity Register
Read-Only Access
1) Once programmed to AAh or 55h this address becomes read-only. All other codes can be stored but
will neither write-protect the address nor activate any function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com