Electronic Components Datasheet Search
  English  ▼

X  

DS2120 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2120
Description  Ultra3 LVD SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2120 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2120 Datasheet HTML 2Page - Dallas Semiconductor DS2120 Datasheet HTML 3Page - Dallas Semiconductor DS2120 Datasheet HTML 4Page - Dallas Semiconductor DS2120 Datasheet HTML 5Page - Dallas Semiconductor DS2120 Datasheet HTML 6Page - Dallas Semiconductor DS2120 Datasheet HTML 7Page - Dallas Semiconductor DS2120 Datasheet HTML 8Page - Dallas Semiconductor DS2120 Datasheet HTML 9Page - Dallas Semiconductor DS2120 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS2120
7 of 10
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Voltage, LVD Mode
VTPWR (LVD)
2.7
5.5
V
Logic 0
VIL
-0.3
+0.8
V
13
Logic 1
VIH
2.0
Vtpwr + 0.3
V
13
Operating Temperature
VAMB
0
70
°C
LOW-VOLTAGE DIFFERENTIAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Differential Mode
Termination Resistance
RDM
100
110
?
Common Mode Termination
Resistance
RCM
110
190
?
Differential Mode Bias
VDM
100
125
mV
2
Common Mode Bias
VCM
1.125
1.375
V
Output Capacitance
COUT
3
pF
1
Mode-Change Delay
MCD
0.66
1.25
2
ms
1, 12
DC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Current
ITPMR
12
30
mA
2, 3
Input Leakage High
IIH
-1.0
µA
14, 15
Input Leakage Low
IIL
1.0
µA
14, 15
Output Current High
IOH
-1.0
mA
4, 6
Output Current Low
IOL
4.0
mA
5, 6
DIFF_CAP LVD
Operating Range
VLVDOR
0.7
1.9
V
DIFFSENSE Driver
Output Voltage
VDSO
1.2
1.4
V
7, 8
DIFFSENSE Driver
Source Current
IDSH
5
15
mA
7, 9, 11
DIFFSENSE Driver
Sink Current
IDSL
20
200
µA
7, 10, 11
MSTR/SLV Input Leakage
IMSTRSLV
-6.5
+125
µA
ISO Input Leakage
IISO
-125
+6.5
µA
Thermal Shutdown
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com