Electronic Components Datasheet Search
  English  ▼

X  

DS2120 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2120
Description  Ultra3 LVD SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2120 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2120 Datasheet HTML 1Page - Dallas Semiconductor DS2120 Datasheet HTML 2Page - Dallas Semiconductor DS2120 Datasheet HTML 3Page - Dallas Semiconductor DS2120 Datasheet HTML 4Page - Dallas Semiconductor DS2120 Datasheet HTML 5Page - Dallas Semiconductor DS2120 Datasheet HTML 6Page - Dallas Semiconductor DS2120 Datasheet HTML 7Page - Dallas Semiconductor DS2120 Datasheet HTML 8Page - Dallas Semiconductor DS2120 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
042602
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple
revisions of any device may be simultaneously available through various sales channels. For information about device
errata, click here: http://dbserv.maxim-ic.com/errata.cfm.
FEATURES
§ Fully compliant with Ultra3, Ultra160,
Ultra320, and Ultra2 (LVD only) SCSI
§ Provides low-voltage differential (LVD)
termination for nine signal line pairs
§ Zero-temperature coefficient-termination
resistors
§ Auto-select of LVD termination
§ 5% tolerance on LVD termination resistance
§ Low power-down capacitance of 3pF
§ Built-in mode change filter/delay
§ On-board thermal-shutdown circuitry
§ SCSI bus hot-plug compatible
APPLICATIONS
§ Raid Systems
§ SCSI Host Bus Adapter Cards (HBA)
§ Servers
§ SCSI Cables
§ Network Attached Storage (NAS)
§ Storage Area Networks (SANs)
ORDERING INFORMATION
DS2120E
28-Pin TSSOP
0°C to +70°C
DS2120B
36-Pin SSOP
0°C to +70°C
DESCRIPTION
The DS2120 Ultra3 LVD SCSI terminator is a low-voltage differential (LVD) terminator. If the device is
connected in an LVD-only bus, the DS2120 uses LVD termination. If any single-ended (SE) or high-
voltage differential (HVD) devices are connected to the bus, the DS2120 disconnects from the bus. This
is accomplished inside the part automatically by sensing the voltage on the SCSI bus DIFFSENS line.
For the LVD termination, the DS2120 integrates two current sources with nine precision resistor strings.
Three DS2120 terminators are needed for a wide SCSI bus.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
NC
R1P
R1N
VREF
NC
R2N
HS GND
HS GND
R3P
R3N
R4P
R4N
R2P
HS GND
R5P
R5N
ISO
GND
32
35
34
33
31
30
29
28
27
26
25
24
36
23
22
21
20
19
LVD
NC
R9N
R8N
R8P
HS GND
HS GND
HS GND
R7N
R7P
R6N
R9P
TPWR
NC
DIFF_CAP
DIFFSENSE
MSTR/SLV
R6P
DS2120B 36-Pin SSOP
VREF
HS GND
R3P
R3N
R4P
R4N
R5P
R5N
ISO
GND
R1P
R1N
R2N
R2P
HS GND
R7N
R7P
R6N
TPWR
DIFF_CAP
DIFFSENSE
MSTR/SLV
R6P
R9N
R8N
R8P
R9P
TPWR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
28
27
26
25
24
23
22
21
20
19
DS2120E 28-Pin TSSOP
DS2120
Ultra3 LVD SCSI Terminator
www.maxim-ic.com
PIN ASSIGNMENT


Similar Part No. - DS2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2120B MAXIM-DS2120B Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2120B/T&R MAXIM-DS2120B/T&R Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2120E MAXIM-DS2120E Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2120E+ MAXIM-DS2120E+ Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
More results

Similar Description - DS2120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
logo
Dallas Semiconductor
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com