Electronic Components Datasheet Search
  English  ▼

X  

SX8674ICSTRT Datasheet(PDF) 41 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 41 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 37Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 38Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 39Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 40Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 41Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 42Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 43Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 44Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
41
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
8
INTERRUPT (NIRQ)
8.1
Introduction
The purpose of the NIRQ pin is to indicate to the host (via a falling edge) when any of the events considered
being time-critical has occurred. Non time-critical events can be monitored via I2C by reading regularly the
relevant status bits.
8.2
Registers Overview
8.2.1
RegIrqMsk
This register allows the host to decide which interrupt sources he wants to monitor via the NIRQ signal. Please
note that a reset event will always trigger NIRQ falling edge whatever RegIrqMsk (Cf §10)
8.2.2
RegIrqSrc
This register indicates to the host which of the interrupt sources triggered the NIRQ signal. More than one bit
can be set if several events occurred before host reads the register.
If bit 3 is OFF, reading the register will clear it together with releasing NIRQ signal. Else, if bit 3 is ON and we are
in MAN or PENTRG mode, both register and NIRQ will be cleared only once all channel data have been read. All
ADC related operations (touch conversion, proximity conversion, pen detection) are stopped as long as all
channel data have not been read.
Bits which RegIrqMsk corresponding bits are set to 0 (ie source not monitored) will always read 0 even if the
event actually occurred.
8.2.3
RegStat
This register regroups all status information of the chip and is used by all interrupt sources to detect the relevant
events. For each bit, if the relevant block is ON its value is constantly updated, else it is set to 0. This register
update is completely independent from RegIrqMsk.
8.3
Host Procedure
-
Configure the different blocks parameters(TS, Proximity, etc)
-
Program RegIrqMsk to start monitoring what is considered to be “time-critical” events
-
Enable the blocks to start RegStat update and hence NIRQ process.
-
Each time NIRQ falling edge occurs, read RegIrqSrc to know which “time-critical” event occurred (+ read
channel data if relevant)
-
In addition, RegStat can be read anytime to get the whole picture including also what is considered to be
“non time-critical” information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com