Electronic Components Datasheet Search
  English  ▼

X  

SX8674ICSTRT Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 24Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 25Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 26Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 27Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 28Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 29Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 30Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 31Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
28
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Block startup: a compensation is automatically requested when the proximity sensing is enabled via
PROXSCANPERIOD.
I2C: a compensation can be manually requested anytime by the host through I2C interface.
PROXAVG update: a compensation can be automatically requested if it is detected that CEnv has drifted
beyond a set level since the last compensation.
PROXCOMPPRD: a compensation can be automatically requested at a predefined rate programmed by
the host.
PROXSTUCK: a compensation can be automatically requested if it is detected that the proximity “Close”
state is lasting abnormally long.
Please note that the compensation request flag can be set anytime but the compensation itself is always done at
the beginning of a scan period to keep all parameters coherent (PROXRAW, PROXAVG, PROXDIFF), see
§5.3.2.
5.2.6
Analog-to-Digital Conversion (ADC)
A 12-bit ADC is used to convert the capacitance information into a digital 12-bit word PROXRAW.
The ADC is shared with the touchscreen interface using time multiplexing (see §5.4.2 for more details).
5.3
Digital Processing
5.3.1
Overview
The main purpose of the digital processing block is to convert the raw capacitance information coming from the
AFE (PROXRAW) into a robust and reliable digital flag (PROXSTAT) indicating if the user’s finger/hand/head is
close to the proximity sensor.
The offset compensation performed in the AFE is a one time measurement. However, the environment
capacitance CEnv may vary with time (temperature, nearby objects, etc). Hence, in order to get the best
estimation of CUser (PROXDIFF) it is needed to dynamically track and subtract CEnv variations. This is performed
by filtering PROXUSEFUL to extract its slow variations (PROXAVG).
PROXDIFF is then compared to user programmable threshold to extract PROXSTAT flag.
Figure 34 – Digital Processing Block Diagram
Digital processing sequencing is illustrated in figure below. At every scan period wake-up (defined by
PROXSCANPERIOD), the block updates sequentially PROXRAW, PROXUSEFUL, PROXAVG, PROXDIFF and
PROXSTAT before going back to Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com