Electronic Components Datasheet Search
  English  ▼

X  

RC8650L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC8650L
Description  VOICE SYNTHESIZER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC8650L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC8650L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC8650L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
RC8650 VOICE SYNTHESIZER
RC SYSTEMS
FEATURES
• Integrated text-to-speech processor:
– High voice quality, unlimited vocabulary
– Converts any ASCII text into speech automatically
– Capable of very high reading rates
– Add/modify messages by simply editing a text file
– On-the-fly control of speed, pitch, volume, etc.
• Playback of sound files:
– Real-time PCM and ADPCM
– Prerecorded on chip, up to 15 minutes
• Tone generation:
– Three voice musical
– Dual sinusoidal
– DTMF (Touch-Tone) dialer
• On-chip A/D converter:
– Four channels, 8-bit resolution
– One-shot, continuous, single sweep, and
continuous sweep modes of operation
– Software and hardware triggering
– Support for external op amp
• Analog and digital audio outputs
• Stop, pause, and resume controls
• Serial and bus interfaces
• User programmable greeting and default settings
• Flexible user exception dictionary:
– Change the pronunciation of any input string based on
spelling and context
– Convert encrypted data into meaningful messages
– Trigger tone generation, recorded message playback,
voice parameter changes
• In-circuit, field programmable
• 2 KB input buffer for virtually no-overhead operation
• Available in 3.3 V and 5 V versions
• Low power (typ @ 3.3 V):
– 8.8 mA active
– 700 µA idle
– 2 µA standby
APPLICATIONS
• Robotics
• Talking OCR systems
• ATM machines
• Talking pagers and PDAs
• GPS navigation systems
• Vending and ticketing machines
• Remote diagnostic reporting
• Dial-up information systems
• Handheld barcode readers
• Electronic test and measurement
• Security systems
• Aids for the orally or visually disabled
• Meeting federal ADA requirements
����
������
���������
�������
���
��������
�����
���������
�����
��������������
����������
�����
��������
�������
���
���������
�������
�����
���������
�������
�����
���������
�������
�����
RC8650 Product Summary
* Based on 8 kHz sampling rate with ADPCM encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com