Electronic Components Datasheet Search
  English  ▼

X  

SC16C2552 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C2552
Description  Dual UART with 16-byte transmit and receive FIFOs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2552 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C2552 Datasheet HTML 1Page - NXP Semiconductors SC16C2552 Datasheet HTML 2Page - NXP Semiconductors SC16C2552 Datasheet HTML 3Page - NXP Semiconductors SC16C2552 Datasheet HTML 4Page - NXP Semiconductors SC16C2552 Datasheet HTML 5Page - NXP Semiconductors SC16C2552 Datasheet HTML 6Page - NXP Semiconductors SC16C2552 Datasheet HTML 7Page - NXP Semiconductors SC16C2552 Datasheet HTML 8Page - NXP Semiconductors SC16C2552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Product data
Rev. 03 — 20 June 2003
3 of 38
9397 750 11636
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
PLCC44 pin configuration.
SC16C2552IA44
002aaa124
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
A0
XTAL1
GND
XTAL2
A1
A2
CHSEL
INTB
RXA
TXA
DTRA
RTSA
MFA
INTA
Vcc
TXRDYB
RIB
CDB
DSRB
Table 2:
Pin description
Symbol
Pin
Type
Description
A2-A0
10, 14,
15
I
Register select. A0-A2 are used during read and write operations to select the UART
register to read from or write to.
CHSEL
16
I
Channel Select. UART channel A or B is selected by the logical state of this pin when
the CS is a logic 0. A logic 0 on CHSEL selects the UART channel ‘B’, while a logic 1
selects UART channel ‘A’.
CS
18
I
Chip Select (Active-LOW). This function is selects channel ‘A’ or ‘B’, in accordance
with the logical state of the CHSEL pin. This allows data to be transferred between the
user CPU and the SC16C2552, or the SC16C2552 and the CPU for a channel selected
by CHSEL. MF[0] overrides CHSEL while in the write cycle mode, allowing the user to
write both channel registers simultaneously with one write cycle.
D0-D7
2-9
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-State data bus for transferring
information to or from the controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
GND
12, 22
I
Signal and power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com