Electronic Components Datasheet Search
  English  ▼

X  

SF-MM5 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # SF-MM5
Description  50/125 Um Multi-mode Optical Fiber
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SF-MM5 Datasheet(HTML) 2 Page - Samsung semiconductor

  SF-MM5 Datasheet HTML 1Page - Samsung semiconductor SF-MM5 Datasheet HTML 2Page - Samsung semiconductor SF-MM5 Datasheet HTML 3Page - Samsung semiconductor SF-MM5 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Samsung Electronics Fiberoptics products
50/125 µm Multi-mode Optical Fiber
02
NUMERICAL APERTURE
• 0.200 ± 0.015
ATTENUATION AND BANDWIDTH
Parameters
Premium
Standard
Attenuation (dB/km)
@ 850 nm
≤ 2.4
≤ 2.5
@ 1300 nm
≤ 0.6
≤ 0.7
Point Discontinuity (@ 850 nm & 1300 nm)
≤ 0.10 dB
Bandwidth (MHz·km)
@ 850 nm
≥ 600
≥ 400
@ 1300 nm
≥ 1000
≥ 600
Note) Other attenuation and bandwidth cells are available on request
MACROBENDING LOSS
Mandrel Diameter (mm)
Number of Turns
Wavelength (nm)
Induced Attenuation (dB)
75
100
850 / 1300
≤ 0.5
DIMENSIONAL SPECIFICATIONS
Parameters
Unit
Specification
Glass
Core Diameter
µm
50.0 ± 3.0
Clad Diameter
µm
125.0 ± 1.0
Clad Non-Circularity
%
≤ 2.0
Core-Clad Concentricity Error
µm
≤ 3.0
Coating
Coating Diameter
µm
245 ± 10
Coating Concentricity Error
µm
≤ 10.0
STANDARD FIBER LENGTH
• 1.1 ~ 8.8 km per spool
OPTICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com