Electronic Components Datasheet Search
  English  ▼

X  

SF-MM5 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # SF-MM5
Description  50/125 Um Multi-mode Optical Fiber
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SF-MM5 Datasheet(HTML) 4 Page - Samsung semiconductor

  SF-MM5 Datasheet HTML 1Page - Samsung semiconductor SF-MM5 Datasheet HTML 2Page - Samsung semiconductor SF-MM5 Datasheet HTML 3Page - Samsung semiconductor SF-MM5 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.samsungfiberoptics.com
PACKAGING AND TEST CERTIFICATION
PACKAGING
• Optical fiber is wound on a shipping spool for which dimensions are:
a = width of outside flanges
120 mm
b = flange diameter
248 mm
c = width of inside flanges
95 mm
d = barrel out-diameter
150 mm
e = bore diameter
25.4 + 0.5 / -0.1 mm
f = wing diameter
160 mm
LABEL
• A label attached to each shipping spool contains at least the following information:
- Fiber I.D.
- Fiber Length
- Attenuation at 850 nm & 1300 nm
- Bandwidth at 850 nm & 1300 nm
TEST CERTIFICATION
• One copy of a test certification sheet is enclosed in the shipping carton.
• The sheet contains at least the following information.
- Fiber I.D.
- Fiber Length
- Attenuation at 850 nm & 1300 nm
- Bandwidth at 850 nm & 1300 nm
- Numerical Aperture
- Geometries of the fiber and coating
a
c
ef
bd
Samsung Electronics Fiberoptics Division
7th Floor, Samsung Main Building 250, 2-Ga, Taepyung-Ro,
Chung-Gu, Seoul, Korea 100-742
Tel: +82-2-751-2529 Fax: +82-2-751-2687
e-mail: fiberoptics@samsung.com
Samsung Telecommunications America
1130E, Arapaho Road, Richardson, TX 75081
Toll Free Number: 1-877-ssoptic / 1-877-776-7842
Fax: 1-972-761-7349
Samsung Electronics Fiberoptics products
Please contact us for more information on Samsung Fiber Optic Products
© 2002 Samsung Electronics Co., Ltd. All Rights Reserved.
*Samsung Electronics reserves the right to improve, enhance and modify the features and specifications of Samsung Electronics fiber optic
products without prior notification. 020601 Printed in Korea.
SAMSUNG ELECTRONICS
REGISTERED TO ISO9001
CERTIFICATE NO.9243
SAMSUNG ELECTRONICS
REGISTERED TO TL9000
CERTIFICATE NO.9243
SAMSUNG ELECTRONICS
REGISTERED TO ISO14001
CERTIFICATE NO.9872
SAMSUNG ELECTRONICS
REGISTERED TO ISO18001
CERTIFICATE NO.9872



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com