Electronic Components Datasheet Search
  English  ▼

X  

GPSMB401 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # GPSMB401
Description  MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB401 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button GPSMB401 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 9Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 10Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 11Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 12Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Issue: 1706P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: MiMo LTE, WiFi, GNSS Vehicle
Mount Antenna
PART NUMBER: GPSMB401
Series: Panther
CHARTS
8
Return Loss and isolation, LTE antennas*
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency [MHz]
LTE1 OG, 4" cables
LTE2 OG, 4" cables
LTE 1 to LTE 2 isolation
Return Loss, WiFi antenna*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com