Electronic Components Datasheet Search
  English  ▼

X  

GPSMB401 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # GPSMB401
Description  MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB401 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  GPSMB401 Datasheet HTML 1Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 2Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB401 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Issue: 1706P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: MiMo LTE, WiFi, GNSS Vehicle
Mount Antenna
PART NUMBER: GPSMB401
Series: Panther
4
Plastic radome
ABS/PC Material UV
Stabilized, UL-94HB
Color
Black
Ingress Protection
IP67
Weight
~1340 g
Fixing system
Roof mounting (Also
Magnet mounting
accessory available,
GPSMBMM)
Recommended fastening
torque 1518ft-lb (20-25Nm).
Operating temperature
MIL-STD 810G -40/+85° C
Humidity
95%RH @ +25°C for 12h and 55°C for 12h
Vibration
MIL-STD 810G, section 514.6 , 5-500 Hz, 60min/axis
Thermal Shocks
MIL-STD 810G, section 503.5, -40 to +85°C, 3 cycles
Drop Test
Minimum of one drop per axis
– 4, 1 meter drops
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com