Electronic Components Datasheet Search
  English  ▼

X  

CRS Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CRS
Description  2-component castable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CRS Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CRS Datasheet HTML 1Page - Laird Tech Smart Technology CRS Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccosorb®CRS
2
RFP-DS-CRS 011216
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the
end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or
consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
• It does not ship as a dangerous good.
• Shelf life is approximately 6 months when stored unmixed in a well sealed container at
temperatures no higher than 25°C (77°F).
INSTRUCTIONS FOR USE
• Mix the Eccosorb CRS Part A in its shipping container using a power stirrer to insure
homogeneity.
• Part A is supplied as a high viscosity paste. In all cases a small amount of Part B has to be
added.
• Weigh out the desired amounts of both parts in the correct mix ratio as given below.
Mix ratio : Eccosorb CRS-117: 100 parts of A to 1.18 parts of B
Eccosorb CRS-124: 100 parts of A to 1.00 parts of B
• To insure void-free castings, the entrapped air should be removed by vacuum de-airing.
• Pour into the cavity to be filled.
• Cure overnight at room temperature or for 3 hours at elevated temperatures of 80°C (175 °F).
Where use temperature is anticipated above 120°C (248 °F), a post cure is recommended.
Gradually raise cast parts to the use temperature over an 8 hour or longer period.
• If cast around inserts, they place negligible curing pressures on them.
• The Eccosorb® CRS will adhere to themselves but will release from most other surfaces.
Therefore, metal or epoxy molds are suitable for cast shapes. If adhesion is required, a thin
coat of a suitable primer should first be applied.
GHz
10- 7
10- 6
10- 5
10- 4
10- 3
10- 2
10- 1
1. 0
3. 0
8. 6
10.0
18 .0
CRS -117
dB /c m
0
0
0
0
0
0 .03
0 .27
2 .8
11
46
56
119
dB /in
0
0
0
0
0
0 .08
0 .69
7 .1
28
117
142
302
CRS -124
dB /c m
0
0
0
0
0
0 .03
0 .48
6 .5
20
63
67
149
dB /in
0
0
0
0
0
0 .08
1 .2
16 .51
50
160
170
378
Typical Attenuation
*Note: Attenuation is a theoretical property calculated from the Complex Permittivity and Complex Permeability of a lossy material and is strictly a means of comparing one absorbing material to another.
The attenuation properties are not an indication of how the material will perform inside a microwave device. For further electrical and physical properties of the ECCOSORB® CRS series, please see the Typical
Electrical Properties Table on the ECCOSORB® MFS technical bulletin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com