Electronic Components Datasheet Search
  English  ▼

X  

CRS Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CRS
Description  2-component castable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CRS Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CRS Datasheet HTML 1Page - Laird Tech Smart Technology CRS Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb®CRS
Two-Part Castable Silicone Load Absorber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
TWO-PART CASTABLE SILICONE LOAD ABSORBER
Eccosorb CRS is a series of castable, magnetically loaded, RTV silicone rubber materials with high-
loss in the microwave frequency range. When fully cured, Eccosorb CRS will duplicate the
electrical properties of its counterpart in the Eccosorb® MFS series. For example, Eccosorb CRS-
117 is electrically equivalent to Eccosorb MFS-117. Being a true elastomer, Eccosorb CRS, when
cured, has a number of distinct advantages over rigid materials of the Eccosorb MF type. For
electrical and physical properties of the Eccosorb CRS series, please see the datasheet on
Eccosorb MF.
FEATURES AND BENEFITS
• 2-component castable
• Low outgassing
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB CRS-117
ECCOSORB CRS-124
Frequency Range
>1 Ghz
>1 Ghz
Service Temperature °C (°F)
<160 (<320)
<160 (<320)
Density (g/cc)
4.16
4.55
Thermal Expansion Coefficient per °C
(per °F)
63 x 10
-6
(35 x 10
-6)
59 x 10
-6
(33 x 10
-6)
Thermal Conductivity W/mK
0.9
1.0
Hardness, Shore A
75
75
Water Absorption, % 24h
<0.1
<0.1
Dielectric Strength volts/mil
>10
>10
Volume Resistivity, ohm-cm
>10
10
>10
10
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• Eccosorb CRS can be used to cast cones, wedges and pyramids for terminations and loads.
• It can be used to fill cavities or can be painted on surfaces to suppress the flow of currents.
This product line finds use in antennas and transmission lines.
• Eccosorb CRS can also be poured in place to form microwave gaskets, where a sheet elastomer
would not fit. It can also be poured around the base of microwave tubes to prevent undesired
energy flow.
• When bonded to surfaces, Eccosorb® CRS will withstand temperature cycling (even to
cryogenic temperatures). It can be deformed and shaped to contoured surfaces and is not
subject to damage from impact or shock.
AVAILABILITY
• Eccosorb CRS is available in 2 grades : CRS-117 & CRS-124.
• Eccosorb CRS is supplied as a 2-part system, consisting of a Part A(resin) and Part B (catalyst).
• Please contact your local supplier for available sizes and packages, as there might be some
regional differences.


Similar Part No. - CRS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CRS OHMITE-CRS Datasheet
784Kb / 2P
Avaliable in two sizes ARCOLs CRS utilises Electron Beam
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
High Power Anti-Surge Chip Resistor
logo
M-System Co.,Ltd.
CRS MSYSTEM-CRS Datasheet
126Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Power Systems GmbH+Co.K...
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CRS-0505M POWER-SYSTEMS-CRS-0505M Datasheet
242Kb / 5P
DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
More results

Similar Description - CRS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
LCD component
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
Component Video Selector
06-Sep-99
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
LCD Component
logo
Alpha Wire
6062C ALPHAWIRE-6062C Datasheet
75Kb / 2P
Component 1 2 X 1 PAIR
6202C ALPHAWIRE-6202C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6212C ALPHAWIRE-6212C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6362 ALPHAWIRE-6362 Datasheet
72Kb / 1P
Component 1 2 X 1 PAIR
B963021 ALPHAWIRE-B963021 Datasheet
68Kb / 2P
Component 1 2 X 1 PAIR
logo
WAGO Kontakttechnik Gmb...
2002-2214-1000-980 WAGO-2002-2214-1000-980 Datasheet
639Kb / 18P
Component terminal block; double-deck; with 2 diodes 1N4007
24.11.2021
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com