Electronic Components Datasheet Search
  English  ▼

X  

SM5023 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5023
Description  Miniature-package Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5023 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5023 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM5023 series
NIPPON PRECISION CIRCUITS INC.—5
Electrical Characteristics
3V operation: SM5023BNDH, BNEH, CNDH
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
5V operation: SM5023BNDH, CNDH
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA
2.1
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA
–
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.3V
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1, INHN = open, CL = 15pF,
f = 70MHz
–15
30
mA
INHN pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Ω
Built-in capacitance
CG
Design value.
A monitor pattern on a wafer is tested.
SM5023BNDH
SM5023BNEH
7.44
8
8.56
pF
CD
Design value.
A monitor pattern on a wafer is tested.
SM5023BNDH
13.95
15
16.05
pF
SM5023BNEH
11.16
12
12.84
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
–
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD1
Measurement cct 3, load cct 1,
INHN = open
CL = 15pF
f = 70MHz
–20
40
mA
IDD2
CL = 50pF
f = 50MHz
–25
50
mA
INHN pull-up resistance
RUP
Measurement cct 4
25
100
250
k
Ω
Built-in capacitance
CG
Design value.
A monitor pattern on a wafer is tested.
SM5023BNDH
7.44
8
8.56
pF
CD
Design value.
A monitor pattern on a wafer is tested.
SM5023BNDH
13.95
15
16.05
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com