Electronic Components Datasheet Search
  English  ▼

X  

SM5023 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5023
Description  Miniature-package Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5023 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM5023 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5023 Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM5023 series
NIPPON PRECISION CIRCUITS INC.—7
MEASUREMENT CIRCUITS
Measurement cct 1
2.0Vp-p, 10MHz sine wave input signal (3V operation)
3.5Vp-p, 10MHz sine wave input signal (5V operation)
C1: 0.001
µF
R1: 50
Ω
R2: 263
Ω (3V operation)
244
Ω (5V operation)
R3: 100k
Ω
Measurement cct 2
Measurement cct 3
2.0Vp-p, 70MHz sine wave input signal (3V operation)
3.5Vp-p, 70MHz sine wave input signal (5V operation)
C1: 0.001
µF
R1: 50
Ω
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
VOH
0V
Q output
R3
XTN
VDD
VSS
Q
IOL, IZ
VOL
V
INHN
IZ
A
Signal
Generator
VDD
VSS
XT
Q
R1
C1
XTN
IDD
A
Measurement cct 4
Measurement cct 5
Crystal oscillation
Rfo: 1.5kΩ (3V, 70MHz operation)
3.9k
Ω (5V, 70MHz operation)
5.6k
Ω (5V, 50MHz operation)
SM5023CNDH: CGo = 8pF, CDo = 15pF
Load cct 1
CL = 15pF: tr1, tf1, Duty1, IDD1
CL = 50pF: tr2, tf2, Duty2, IDD2
VDD
VSS
IPR
+5V
INHN
RUP =
VDD
IPR
A
VDD
VSS
XT
Q
X'tal
XTN
INHN
Rfo
CGo
CDo
Q output
CL
(Including probe
capacitance)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com