Electronic Components Datasheet Search
  English  ▼

X  

SM5885CS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5885CS
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5885CS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5885CS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—5
AC Digital Characteristics
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C
System clock (CLK)
256fs type
384fs type
512fs type
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
20.0
–
125
ns
LOW-level clock pulsewidth
tCWL
20.0
–
125
ns
Clock pulse cycle
tXI
40.0
–
250
ns
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
13.15
–
125
ns
LOW-level clock pulsewidth
tCWL
13.15
–
125
ns
Clock pulse cycle
tXI
26.3
–
250
ns
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
10
–
125
ns
LOW-level clock pulsewidth
tCWL
10
–
125
ns
Clock pulse cycle
tXI
20
–
250
ns
VIH1
VIL1
0.5VDD
XI
t
CLK
CWH
t
CWL
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com