Electronic Components Datasheet Search
  English  ▼

X  

SM5885CS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5885CS
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5885CS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5885CS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—6
Serial inputs
3-wire type (BCKI, DATA, LRCI)
2-wire type (DATA, LRCI)
Control input (DEEM: 2-wire type)
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50.0
–
–
ns
BCKI LOW-level pulsewidth
tBCWL
50.0
–
–
ns
BCKI pulse cycle
tBCY
1/(64fs)
–
–
ns
DATA setup time
tDS
50.0
–
–
ns
DATA hold time
tDH
50.0
–
–
ns
LRCI edge to first BCKI rising edge
tLB
50.0
–
–
ns
Last BCKI rising edge to LRCI edge
tBL
50.0
–
–
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DATA setup time
tDS
50
–
–
ns
DATA hold time
tDH
50
–
–
ns
LRCI edge to internal BCLK rising edge
tLB
256fs/512fs
1.5tXI
–
2.5tXI
ns
384fs
3.5tXI
–
4.5tXI
ns
Parameter
Symbol
Rating
Unit
min
typ
max
Rise time
tr
–
–
50
ns
Fall time
tf
–
–
50
ns
BCKI
DATA
LRCI
BCWH
t
BCWL
t
BCY
t
DS
t
DH
t
BL
t
LB
t
0.35VDD
0.35VDD
0.35VDD
Internal
BCLK
DATA
LRCI
DS
t
DH
t
LB
t
0.35VDD
0.35VDD
0.35VDD
DEEM
0.35VDD
0.5VDD
tf
tr
0.2VDD
0.5VDD
0.2VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com