Electronic Components Datasheet Search
  English  ▼

X  

SF800 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SF800
Description  Exceptionally low thermal resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SF800 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SF800 Datasheet HTML 1Page - Laird Tech Smart Technology SF800 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THR-DS-TFLEX-SF800_07_2_14
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility
for the use and application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or
noninfringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of
any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished
upon request. © Copyright 2012 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered
trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third party intellectual property rights. Document A16822-00 Rev C
Tflex™ 800 Series
Thermal Gap Filler
STANDARD THICKNESSES
Standard thickness is 0.020-inch (0.50 mm) through 0.16-inch (4.064mm) in 0.010-inch increments
MATERIAL NAME AND THICKNESS
Tflex™ indicates Laird Technologies’ gap filler product line. SF8XXX indicates Tflex™ SF800 product
line with thickness in mils (0.001-inches).
EXAMPLES:
Tflex™ SF840 = standard 0.040-inch thick Tflex™ SF800 material.
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
* Method detection limit = 40ppm
Tflex™ SF800
TEST METHOD
Construction
Ceramic-filled,
silicone-free gap filler
N/A
Color
Grey
Visual
Thermal Conductivity (W/mK)
7.8
Hot Disk
Thermal Resistance
at 30 mil bondline (°Cin2/W)
0.19
ASTM D5470
(modified)
Thickness Range
(inches / mm)
0.020 - 0.160 /
0.051 - 4.064
Thickness Tolerance (%)
± 10
Density (g/cc)
3.21
Helium Pyncometer
Hardness (Shore 00)
81 ; 3 seconds
75 ; 30 seconds
ASTM D2240
Volatile Siloxane (D3-D10)
None detected*
GC/MS
Weight Loss over time
@ 120°C, 168 hrs (%)
< 0.2
TGA
Belcore (Telcordia)
Silicone Extraction
Pass
TR-NWT-000930
UL Flammability Rating (UL 94)
V0
File E180840
Continuous Use Temperature (°C)
-20 to 120
TGA
CTE (ppm/°C)
106.1; 25°C to 120°C
IPC-TM-650 2.4.24
Heat Capacity at 50°C (J/g-K)
0.8
MDSC
Volume Resistivity (ohm-cm)
5 x 1012
ASTM D257
Dielectric Constant
@ 1 kHz
@ 1 MHz
16.6
15.9
ASTM D150
Dissipation Factor
@ 1 kHz
@ 1 MHz
0.09
0.03
ASTM D150
Percent Deflection vs Pressure
Thermal Resistance vs Pressure
Pressure (psi)
Pressure (psi)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com