Electronic Components Datasheet Search
  English  ▼

X  

SF800 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SF800
Description  Exceptionally low thermal resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SF800 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SF800 Datasheet HTML 1Page - Laird Tech Smart Technology SF800 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tflex™ SF800 Series
Thermal Gap Filler
FEATURES AND BENEFITS
• Silicone-free gap filler
• Thermal Conductivity of 7.8 W/mK
• Exceptionally low thermal resistance
• Available in thicknesses from 0.020-inch
(0.50mm) through 0.040-inch (1.00mm)
in 0.010-inch increments
• RoHS Compliant
HIGHEST THERMAL CONDUCTIVITY SILICONE-FREE
GAP FILLER AVAILABLE
Tflex™ SF800 is a high-performance, compliant, silicone free thermal interface material.
By coupling extremely high thermal conductivity with exceptional wetting characteristics, Tflex™
SF800 provides some of the lowest thermal resistance values in the industry. This makes it
well-suited for applications where silicone based pads are traditionally used as well as those
applications which are silicone sensitive.
Tflex™ SF800 is naturally tacky on both sides requiring no additional adhesive coating, which
would inhibit thermal performance. The natural tack allows for the pad to be held in place
during assembly.
APPLICATIONS
• Silicone-sensitive applications
• Automotive applications
• Optical components
• Flat panel displays
• Hard disk drives
• Medical devices
• Laser equipment
• Aerospace electronics
• Solar energy
Americas: +1.800.843.4556
Europe: +49.8031.24600
Asia: +86.755.2714.116
CLV-customerservice@lairdtech.com


Similar Part No. - SF800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF800-G ETC2-SF800-G Datasheet
877Kb / 2P
Intelligent SMS Server
SF800-G-EU ETC2-SF800-G-EU Datasheet
877Kb / 2P
Intelligent SMS Server
SF800-G-GB ETC2-SF800-G-GB Datasheet
877Kb / 2P
Intelligent SMS Server
SF800-G-IE ETC2-SF800-G-IE Datasheet
877Kb / 2P
Intelligent SMS Server
More results

Similar Description - SF800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com