Electronic Components Datasheet Search
  English  ▼

X  

SiC530DB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SiC530DB
Description  30 A VRPower Integrated Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC530DB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SiC530DB Datasheet HTML 5Page - Vishay Siliconix SiC530DB Datasheet HTML 6Page - Vishay Siliconix SiC530DB Datasheet HTML 7Page - Vishay Siliconix SiC530DB Datasheet HTML 8Page - Vishay Siliconix SiC530DB Datasheet HTML 9Page - Vishay Siliconix SiC530DB Datasheet HTML 10Page - Vishay Siliconix SiC530DB Datasheet HTML 11Page - Vishay Siliconix SiC530DB Datasheet HTML 12Page - Vishay Siliconix SiC530DB Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SiC530
www.vishay.com
Vishay Siliconix
S15-2523-Rev. B, 02-Nov-15
9
Document Number: 62940
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - PWM Threshold vs. Temperature
Fig. 14 - PS4 Exit Latency vs. Temperature
Fig. 15 - Driver Supply Current vs. Temperature
Fig. 16 - ZCD_EN# Threshold vs. Temperature
Fig. 17 - PS4 Mode Current vs. Temperature
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
3
4
5
6
7
8
9
10
11
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
f
PWM = 300 kHz
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
TRI_ZCD_EN#_R
V
TRI_ZCD_EN#_F
V
TH_ZCD_EN#_R
V
TH_ZCD_EN#_F
1
2
3
4
5
6
7
8
9
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
PWM = V
ZCD_EN # = FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com