Electronic Components Datasheet Search
  English  ▼

X  

SiC530DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SiC530DB
Description  30 A VRPower Integrated Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC530DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SiC530DB Datasheet HTML 9Page - Vishay Siliconix SiC530DB Datasheet HTML 10Page - Vishay Siliconix SiC530DB Datasheet HTML 11Page - Vishay Siliconix SiC530DB Datasheet HTML 12Page - Vishay Siliconix SiC530DB Datasheet HTML 13Page - Vishay Siliconix SiC530DB Datasheet HTML 14Page - Vishay Siliconix SiC530DB Datasheet HTML 15Page - Vishay Siliconix SiC530DB Datasheet HTML 16Page - Vishay Siliconix SiC530DB Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SiC530
www.vishay.com
Vishay Siliconix
S15-2523-Rev. B, 02-Nov-15
13
Document Number: 62940
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DRAWING MLP4535-22L
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62940.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.0029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.0078
0.0098
0.0110
D
4.50 BSC
0.177 BSC
e
0.50 BSC
0.019 BSC
E
3.50 BSC
0.137 BSC
L
0.35
0.40
0.45
0.013
0.015
0.017
N (3)
22
22
Nd (3)
66
Ne (3)
55
D1-1
0.35
0.40
0.45
0.013
0.015
0.017
D1-2
0.15
0.20
0.25
0.005
0.007
0.009
D2-1
1.02
1.07
1.12
0.040
0.042
0.044
D2-2
1.02
1.07
1.12
0.040
0.042
0.044
D2-3
1.47
1.52
1.57
0.057
0.059
0.061
D2-4
0.25
0.30
0.35
0.009
0.011
0.013
E1-1
1.095
1.145
1.195
0.043
0.045
0.047
E1-2
2.67
2.72
2.77
0.105
0.107
0.109
E1-3
0.35
0.40
0.45
0.013
0.015
0.017
E1-4
1.85
1.90
1.95
0.072
0.074
0.076
E1-5
0.095
0.145
0.195
0.0037
0.0057
0.0076
E2-1
3.05
3.10
3.15
0.120
0.122
0.124
E2-2
1.065
1.115
1.165
0.0419
0.0438
0.0458
E2-3
0.695
0.745
0.795
0.027
0.029
0.031
E2-4
0.40
0.45
0.50
0.015
0.017
0.019
K1
0.40 BSC
0.015 BSC
K2
0.07 BSC
0.002 BSC
K3
0.05 BSC
0.001 BSC
K4
0.40 BSC
0.015 BSC
9
14
1
11
10
5
4
3
2
16
17
19
8
22
7
15
20
21
6
13
18
12
9
14
1
11
10
5
4
3
2
16
17
19
8
22
7
15
20 21
6
13
18
12
D
A
A1
A2
L
D2-1
D2-2
D2-3
D2-4
K1
K2
A
Pin 1 dot
by marking
C
56
B
K3
D1-1
D1-2
K4
0.1 C B
2x
0.1 C A
2x
0.08 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com