Electronic Components Datasheet Search
  English  ▼

X  

TSOP341 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP341
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP341 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP341 Datasheet HTML 1Page - Vishay Siliconix TSOP341 Datasheet HTML 2Page - Vishay Siliconix TSOP341 Datasheet HTML 3Page - Vishay Siliconix TSOP341 Datasheet HTML 4Page - Vishay Siliconix TSOP341 Datasheet HTML 5Page - Vishay Siliconix TSOP341 Datasheet HTML 6Page - Vishay Siliconix TSOP341 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSOP321.., TSOP323.., TSOP325.., TSOP341.., TSOP343.., TSOP345..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Jul-16
5
Document Number: 82490
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
This series is designed to suppress spurious output pulses
due to noise or disturbance signals. The devices can
distinguish data signals from noise due to differences in
frequency, burst length, and envelope duty cycle. The data
signal should be close to the device’s band-pass center
frequency (e.g. 38 kHz) and fulfill the conditions in the table
below.
When a data signal is applied to the product in the presence
of a disturbance, the sensitivity of the receiver is
automatically reduced by the AGC to insure that no spurious
pulses are present at the receiver’s output. Some examples
which are suppressed are:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated patterns from fluorescent
lamps with electronic ballasts (see Fig. 13 or Fig. 14).
Fig. 13 - IR Disturbance from Fluorescent Lamp
with Low Modulation
Fig. 14 - IR Disturbance from Fluorescent Lamp
with High Modulation
Notes
• For data formats with long bursts (more than 10 carrier cycles) please see the datasheet for TSOP348.., TSOP344.., TSOP322.., TSOP324..
010
15
20
Time (ms)
16920
5
010
15
20
Time (ms)
16921
5
TSOP341.., TSOP321..
TSOP343.., TSOP323..
TSOP345.., TSOP325..
Minimum burst length
6 cycles/burst
6 cycles/burst
6 cycles/burst
After each burst of length
A gap time is required of
6 to 70 cycles
≥ 10 cycles
6 to 35 cycles
≥ 10 cycles
6 to 24 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data
stream is needed of
70 cycles
> 1.2 x burst length
35 cycles
> 6 x burst length
24 cycles
> 25 ms
Maximum number of continuous
short bursts/second
2000
2000
2000
MCIR code
Yes
Preferred
Yes
RCMM code
Yes
Preferred
Yes
XMP-1, XMP-2 code
Yes
Preferred
Yes
Suppression of interference from
fluorescent lamps
Mild disturbance patterns are
suppressed (example:
signal pattern of Fig. 13)
Complex disturbance patterns
are suppressed (example: signal
pattern of Fig. 14)
Critical disturbance patterns
are suppressed,
e.g. highly dimmed LCDs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com