Electronic Components Datasheet Search
  English  ▼

X  

TSOP341 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP341
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP341 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP341 Datasheet HTML 1Page - Vishay Siliconix TSOP341 Datasheet HTML 2Page - Vishay Siliconix TSOP341 Datasheet HTML 3Page - Vishay Siliconix TSOP341 Datasheet HTML 4Page - Vishay Siliconix TSOP341 Datasheet HTML 5Page - Vishay Siliconix TSOP341 Datasheet HTML 6Page - Vishay Siliconix TSOP341 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP321.., TSOP323.., TSOP325.., TSOP341.., TSOP343.., TSOP345..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Jul-16
1
Document Number: 82490
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning for TSOP341.., TSOP343.., TSOP345..:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP321.., TSOP323.., TSOP325..:
1 = OUT, 2 = VS, 3 = GND
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
DESCRIPTION
These products are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package contains an
IR filter. The demodulated output signal can be directly
connected to a microprocessor for decoding.
The TSOP323.., TSOP343..series devices are optimized to
suppress almost all spurious pulses from energy saving
lamps like CFLs. AGC3 may also suppress some data
signals if continuously transmitted.
The TSOP321.., TSOP341.. series are provided primarily for
compatibility with old AGC1 designs. New designs should
prefer the TSOP323.., TSOP343.. series containing the
newer AGC3. The TSOP325.., TSOP345.. series contain a
very robust AGC5. This series should only be used for
critically noisy environments.
These components have not been qualified according to
automotive specifications.
16672
1
2
3
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP34130
TSOP32130
TSOP34330
TSOP32330
TSOP34530
TSOP32530
33 kHz
TSOP34133
TSOP32133
TSOP34333
TSOP32333
TSOP34533
TSOP32533
36 kHz
TSOP34136
TSOP32136
TSOP34336 (1)(6)
TSOP32336 (1)(6)
TSOP34536
TSOP32536
38 kHz
TSOP34138
TSOP32138
TSOP34338 (2)(3)(4)(5) TSOP32338 (2)(3)(4)(5)
TSOP34538
TSOP32538
40 kHz
TSOP34140
TSOP32140
TSOP34340
TSOP32340
TSOP34540
TSOP32540
56 kHz
TSOP34156
TSOP32156
TSOP34356
TSOP32356
TSOP34556
TSOP32556
Package
Mold
Pinning
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT, 2 = VS,
3 = GND
Dimensions (mm)
6.0 W x 6.95 H x 5.6 D
Mounting
Leaded
Application
Remote control
Best receiver for
remote control code
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2 (6) RCMM


Similar Part No. - TSOP341

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP341 VISHAY-TSOP341 Datasheet
179Kb / 7P
IR Receiver Modules for Remote Control Systems
26-Nov-03
TSOP341 VISHAY-TSOP341 Datasheet
207Kb / 7P
IR Receiver Modules for Remote Control Systems
14-Dec-2021
TSOP341.. VISHAY-TSOP341.. Datasheet
207Kb / 7P
IR Receiver Modules for Remote Control Systems
14-Dec-2021
TSOP34130 VISHAY-TSOP34130 Datasheet
150Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP34130 VISHAY-TSOP34130 Datasheet
133Kb / 7P
IR Receiver Modules for Remote Control Systems
18-Sep-13
More results

Similar Description - TSOP341

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com