Electronic Components Datasheet Search
  English  ▼

X  

IRF7831 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7831
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7831 Datasheet(HTML) 1 Page - International Rectifier

  IRF7831 Datasheet HTML 1Page - International Rectifier IRF7831 Datasheet HTML 2Page - International Rectifier IRF7831 Datasheet HTML 3Page - International Rectifier IRF7831 Datasheet HTML 4Page - International Rectifier IRF7831 Datasheet HTML 5Page - International Rectifier IRF7831 Datasheet HTML 6Page - International Rectifier IRF7831 Datasheet HTML 7Page - International Rectifier IRF7831 Datasheet HTML 8Page - International Rectifier IRF7831 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
7/9/03
IRF7831
HEXFET® Power MOSFET
Notes
 through „ are on page 10
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
Applications
l High Frequency Point-of-Load
Synchronous Buck Converter for
Applications in Networking &
Computing Systems.
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
PD - 94636
VDSS
RDS(on) max
Qg (typ.)
30V 3.6m
:@V
GS = 10V
40nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient
f
–––
50
-55 to + 150
2.5
0.02
1.6
Max.
21
17
170
± 12
30


Similar Part No. - IRF7831

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
IRF7831PBF IRF-IRF7831PBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831PBF IRF-IRF7831PBF Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
More results

Similar Description - IRF7831

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com