Electronic Components Datasheet Search
  English  ▼

X  

IRF7831 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7831
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7831 Datasheet(HTML) 2 Page - International Rectifier

  IRF7831 Datasheet HTML 1Page - International Rectifier IRF7831 Datasheet HTML 2Page - International Rectifier IRF7831 Datasheet HTML 3Page - International Rectifier IRF7831 Datasheet HTML 4Page - International Rectifier IRF7831 Datasheet HTML 5Page - International Rectifier IRF7831 Datasheet HTML 6Page - International Rectifier IRF7831 Datasheet HTML 7Page - International Rectifier IRF7831 Datasheet HTML 8Page - International Rectifier IRF7831 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7831
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.025
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
2.5
3.1
3.6
m
Ω
3.0
3.7
4.4
VGS(th)
Gate Threshold Voltage
1.35
–––
2.35
V
∆V
GS(th)
Gate Threshold Voltage Coefficient
–––
- 5.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
97
–––
–––
S
Qg
Total Gate Charge
–––
40
60
Qgs1
Pre-Vth Gate-to-Source Charge
–––
12
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
11
–––
Qgodr
Gate Charge Overdrive
–––
14
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14
–––
Qoss
Output Charge
–––
22
–––
nC
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
10
–––
td(off)
Turn-Off Delay Time
–––
17
–––
ns
tf
Fall Time
–––
5.3
–––
Ciss
Input Capacitance
–––
6240
–––
Coss
Output Capacitance
–––
980
–––
pF
Crss
Reverse Transfer Capacitance
–––
390
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
170
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
42
62
ns
Qrr
Reverse Recovery Charge
–––
31
47
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
Max.
100
16
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 20A
e
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 16A
VDS = 15V
VGS = 12V
VGS = -12V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 16A, VDD = 25V
di/dt = 100A/µs
e
TJ = 25°C, IS = 16A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 16A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 16A
VDS = 24V, VGS = 0V, TJ = 125°C
–––
ID = 16A
VGS = 0V
VDS = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com