Electronic Components Datasheet Search
  English  ▼

X  

CFSA69383P Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CFSA69383P
Description  Ultra Low profile aesthetically neutral housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CFSA69383P Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CFSA69383P Datasheet HTML 1Page - Laird Tech Smart Technology CFSA69383P Datasheet HTML 2Page - Laird Tech Smart Technology CFSA69383P Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CFSA69383P
698-960 MHz/1350-1550 MHz/1690-3800 MHz
Ultra Low Profile / Low PIM
Ceiling Mount Antenna
RADIATION PATTERNS
698 MHz
Azimuth 45° Plane
Elevation Plane
806 MHz
Azimuth 45° Plane
Elevation Plane
906 MHz
Azimuth 45° Plane
Elevation Plane
1350 MHz
Azimuth 45° Plane
Elevation Plane
CFSA69383P
1550 MHz
Azimuth 45° Plane
Elevation Plane
1690 MHz
Azimuth 45° Plane
Elevation Plane



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com