Electronic Components Datasheet Search
  English  ▼

X  

CFSA69383P Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # CFSA69383P
Description  Ultra Low profile aesthetically neutral housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CFSA69383P Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  CFSA69383P Datasheet HTML 1Page - Laird Tech Smart Technology CFSA69383P Datasheet HTML 2Page - Laird Tech Smart Technology CFSA69383P Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CFSA69383P
698-960 MHz/1350-1550 MHz/1690-3800 MHz
Ultra Low Profile / Low PIM
Ceiling Mount Antenna
RADIATION PATTERNS
CFSA69383P
1880 MHz
1990 MHz
2170 MHz
Azimuth 45° Plane
Elevation Plane
2310 MHz
Azimuth 45° Plane
Elevation Plane
ANT-DS-CFSA69383P 0217
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2017 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
Azimuth 45° Plane
Elevation Plane
Azimuth 45° Plane
Elevation Plane
3500 MHz
Azimuth 45° Plane
Elevation Plane



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com