Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6482
Description  CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6482 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC6482 Datasheet HTML 8Page - National Semiconductor (TI) LMC6482 Datasheet HTML 9Page - National Semiconductor (TI) LMC6482 Datasheet HTML 10Page - National Semiconductor (TI) LMC6482 Datasheet HTML 11Page - National Semiconductor (TI) LMC6482 Datasheet HTML 12Page - National Semiconductor (TI) LMC6482 Datasheet HTML 13Page - National Semiconductor (TI) LMC6482 Datasheet HTML 14Page - National Semiconductor (TI) LMC6482 Datasheet HTML 15Page - National Semiconductor (TI) LMC6482 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Typical Performance Characteristics V
S = +15V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Application Information
1.0 Amplifier Topology
The
LMC6482
incorporates
specially
designed
wide-compliance range current mirrors and the body effect to
extend input common mode range to each supply rail.
Complementary paralleled differential input stages, like the
type used in other CMOS and bipolar rail-to-rail input ampli-
fiers, were not used because of their inherent accuracy prob-
lems due to CMRR, cross-over distortion, and open-loop
gain variation.
The LMC6482’s input stage design is complemented by an
output stage capable of rail-to-rail output swing even when
driving a large load. Rail-to-rail output swing is obtained by
taking the output directly from the internal integrator instead
of an output buffer stage.
2.0 Input Common-Mode Voltage Range
Unlike Bi-FET amplifier designs, the LMC6482 does not ex-
hibit phase inversion when an input voltage exceeds the
negative supply voltage.
Figure 1 shows an input voltage ex-
ceeding both supplies with no resulting phase inversion on
the output.
The absolute maximum input voltage is 300 mV beyond ei-
ther supply rail at room temperature. Voltages greatly ex-
ceeding this absolute maximum rating, as in
Figure 2, can
cause excessive current to flow in or out of the input pins
possibly affecting reliability.
Applications that exceed this rating must externally limit the
maximum input current to ±5 mA with an input resistor (R
I)
as shown in
Figure 3.
3.0 Rail-To-Rail Output
The approximated output resistance of the LMC6482 is
180
Ω sourcing and 130Ω sinking at Vs = 3V and 110Ω
sourcing and 80
Ω sinking at Vs = 5V. Using the calculated
output resistance, maximum output voltage swing can be es-
timated as a function of load.
4.0 Capacitive Load Tolerance
The LMC6482 can typically directly drive a 100 pF load with
V
S = 15V at unity gain without oscillating. The unity gain fol-
lower is the most sensitive configuration. Direct capacitive
loading reduces the phase margin of op-amps. The combi-
Stability vs
Capacitive Load
DS011713-90
Stability vs
Capacitive Load
DS011713-91
DS011713-10
FIGURE 1. An Input Voltage Signal Exceeds the
LMC6482 Power Supply Voltages with
No Output Phase Inversion
DS011713-39
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 3V Supply in
Figure 3 Causing
No Phase Inversion Due to R
I
DS011713-11
FIGURE 3. R
I Input Current Protection for
Voltages Exceeding the Supply Voltages
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com