Electronic Components Datasheet Search
  English  ▼

X  

IR2136S Datasheet(PDF) 31 Page - International Rectifier

Part # IR2136S
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136S Datasheet(HTML) 31 Page - International Rectifier

Back Button IR2136S Datasheet HTML 27Page - International Rectifier IR2136S Datasheet HTML 28Page - International Rectifier IR2136S Datasheet HTML 29Page - International Rectifier IR2136S Datasheet HTML 30Page - International Rectifier IR2136S Datasheet HTML 31Page - International Rectifier IR2136S Datasheet HTML 32Page - International Rectifier IR2136S Datasheet HTML 33Page - International Rectifier IR2136S Datasheet HTML 34Page - International Rectifier IR2136S Datasheet HTML 35Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
www.irf.com
31
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
20
40
60
80
100
120
0.1
1
10
100
Frequency (KHz)
100V
200V
300V
0V
20
40
60
80
100
120
0.1
1
10
100
Frequency (KHz)
100
V
200V
300V
0V
20
40
60
80
100
120
0.1
1
10
100
Frequency (KHz)
100
V
200V
300V
0V
20
40
60
80
100
120
0.1110
100
Frequency (KHz)
100
V
200V
300V
0V
Figure 42. IR2136/IR21362(3)(5)(6)(7)(8)
vs. Frequency (IRG4BC30W), Rgate=15
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 41. IR2136/IR21362(3)(5)(6)(7)(8)
vs. Frequency (IRG4BC20W), Rgate=33
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 44. IR2136/IR21362(3)(5)(6)(7)(8)
vs. Frequency (IRG4PC50W), Rgate=5
Ω
Ω
Ω
Ω
Ω, Vcc=15V
Figure 43. IR2136/IR21362(3)(5)(6)(7)(8)
vs. Frequency (IRG4BC40W), Rgate=10
Ω
Ω
Ω
Ω
Ω, Vcc=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com