Electronic Components Datasheet Search
  English  ▼

X  

IR2136S Datasheet(PDF) 5 Page - International Rectifier

Part # IR2136S
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136S Datasheet(HTML) 5 Page - International Rectifier

  IR2136S Datasheet HTML 1Page - International Rectifier IR2136S Datasheet HTML 2Page - International Rectifier IR2136S Datasheet HTML 3Page - International Rectifier IR2136S Datasheet HTML 4Page - International Rectifier IR2136S Datasheet HTML 5Page - International Rectifier IR2136S Datasheet HTML 6Page - International Rectifier IR2136S Datasheet HTML 7Page - International Rectifier IR2136S Datasheet HTML 8Page - International Rectifier IR2136S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.irf.com
5
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
VCC
VBS
ITRIP
ENABLE
FAULT
LO1,2,3
HO1,2,3
<UVCC
X
X
X
0 (note 1)
0
0
15V
<UVBS
0V
5V
high imp
LIN1,2,3
0
15V
15V
0V
5V
high imp
LIN1,2,3
HIN1,2,3
15V
15V
>VITRIP
5V
0 (note 2)
0
0
15V
15V
0V
0V
high imp
0
0
Note: A shoot-through prevention logic prevents LO1,2,3 and HO1,2,3 for each channel from turning on simultaneously.
Note 1: UVCC is not latched, when VCC>UVCC, FAULT returns to high impedance.
Note 2: When ITRIP <VITRIP, FAULT returns to high-impedance after RCIN pin becomes greater than 8V (@ VCC = 15V)
NOTE: For high side PWM, HIN pulse width must be
≥ 1µsec
Dynamic Electrical Characteristics
VCC = VBS = VBIAS = 15V, VS1,2,3 = VSS = COM, TA = 25oC and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
IR2136(2)(3)(5)(8)
300
425
550
IR21366(7)
—
250
—
toff
Turn-off propagation delay
IR2136(2)(3)(5)(8)
250
400
550
IR21366(7)
—
180
—
tr
Turn-on rise time
—
125
190
tf
Turn-off fall time
—
50
75
tEN
ENABLE low to output
IR2136(2)(3)(5)(8)
300
450
600
VIN, VEN = 0V or 5V
shutdown propagation delay
IR21366(7)
100
250
400
tITRIP
ITRIP to output shutdown propagation delay
500
750
1000
VITRIP = 5V
tbl
ITRIP blanking time
100
150
—
VIN = 0V or 5V
VITRIP = 5V
tFLT
ITRIP to FAULT propagation delay
400
600
800
VIN = 0V or 5V
VITRIP = 5V
tFILIN
Input filter time (HIN, LIN, EN)
100
200
—
VIN = 0 & 5V
(IR2136(2)(3)(5)(8) only)
tFLTCLR
FAULT clear time RCIN: R=2meg, C=1nF
1.3
1.65
2
mS
VIN = 0V or 5V
VITRIP = 0V
DT
Deadtime
220
290
360
VIN = 0 & 5V
MT
Matching delay ON and OFF
—
40
75
MDT
Matching delay, max (ton,toff) - min (ton,toff),
—
25
70
(ton,toff are applicable to all 3 channels)
PM
Output pulse width matching, PWin -PWout (fig.2)
—
40
75
nS
VIN = 0 & 5V
nS
External dead
time
>400nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com