Electronic Components Datasheet Search
  English  ▼

X  

IRLR9343 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR9343
Description  DIGITAL AUDIO MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR9343 Datasheet(HTML) 1 Page - International Rectifier

  IRLR9343 Datasheet HTML 1Page - International Rectifier IRLR9343 Datasheet HTML 2Page - International Rectifier IRLR9343 Datasheet HTML 3Page - International Rectifier IRLR9343 Datasheet HTML 4Page - International Rectifier IRLR9343 Datasheet HTML 5Page - International Rectifier IRLR9343 Datasheet HTML 6Page - International Rectifier IRLR9343 Datasheet HTML 7Page - International Rectifier IRLR9343 Datasheet HTML 8Page - International Rectifier IRLR9343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
4/1/04
Notes
 through ‰ are on page 10
Description
This Digital Audio HEXFET
® is specifically designed for Class-D audio amplifier applications. This MosFET utilizes the latest
processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode reverse recovery
and internal Gate resistance are optimized to improve key Class-D audio amplifier performance factors such as efficiency, THD
and EMI. Additional features of this MosFET are 175°C operating junction temperature and repetitive avalanche capability.
These features combine to make this MosFET a highly efficient, robust and reliable device for Class-D audio amplifier
applications.
PD - 95850
Features
l Advanced Process Technology
l Key Parameters Optimized for Class-D Audio
Amplifier Applications
l Low RDSON for Improved Efficiency
l Low Qg and Qsw for Better THD and Improved
Efficiency
l Low Qrr for Better THD and Lower EMI
l 175°C Operating Junction Temperature for
Ruggedness
l Repetitive Avalanche Capability for Robustness and
Reliability
l Multiple Package Options
S
D
G
DIGITAL AUDIO MOSFET
VDS
-55
V
RDS(ON) typ. @ VGS = -10V
93
m
:
RDS(ON) typ. @ VGS = -4.5V
150
m
:
Qg typ.
31
nC
TJ max
175
°C
Key Parameters
IRLR9343
IRLU9343
IRLU9343-701
I-Pak Leadform 701
IRLU9343-701
Refer to page 10 for package outline
D-Pak
IRLR9343
I-Pak
IRLU9343
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Clamping Pressure
h
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
g
–––
1.9
RθJA
Junction-to-Ambient (PCB Mounted)
gj
–––
50
°C/W
RθJA
Junction-to-Ambient (free air)
g
–––
110
Max.
-14
-60
±20
-55
-20
-40 to + 175
–––
79
39
0.53


Similar Part No. - IRLR9343

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR9343 KERSEMI-IRLR9343 Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRLR9343 ISC-IRLR9343 Datasheet
358Kb / 2P
isc P-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLR9343 EVVOSEMI-IRLR9343 Datasheet
396Kb / 7P
-60V P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
308Kb / 11P
Advanced Process Technology
More results

Similar Description - IRLR9343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
DIGITAL AUDIO MOSFET
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com