Electronic Components Datasheet Search
  English  ▼

X  

IRLR9343 Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR9343
Description  DIGITAL AUDIO MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR9343 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR9343 Datasheet HTML 2Page - International Rectifier IRLR9343 Datasheet HTML 3Page - International Rectifier IRLR9343 Datasheet HTML 4Page - International Rectifier IRLR9343 Datasheet HTML 5Page - International Rectifier IRLR9343 Datasheet HTML 6Page - International Rectifier IRLR9343 Datasheet HTML 7Page - International Rectifier IRLR9343 Datasheet HTML 8Page - International Rectifier IRLR9343 Datasheet HTML 9Page - International Rectifier IRLR9343 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U9343 & IRLU9343-701
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.4/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 1.24mH,
RG = 25Ω, IAS = -14A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This only applies for I-Pak, L
S of D-Pak is
measured between lead and center of die contact
… Rθ is measured at TJ of approximately 90°C.
Notes:
† Contact factory for mounting information
‡ Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive avalanche information
ˆ When D-Pak mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
‰ Refer to D-Pak package for Part Marking, Tape and Reel information.
I-Pak Leadform Option 701 Package Outline ‰
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com