Electronic Components Datasheet Search
  English  ▼

X  

IR2136SPBF Datasheet(PDF) 20 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 20 Page - International Rectifier

Back Button IR2136SPBF Datasheet HTML 16Page - International Rectifier IR2136SPBF Datasheet HTML 17Page - International Rectifier IR2136SPBF Datasheet HTML 18Page - International Rectifier IR2136SPBF Datasheet HTML 19Page - International Rectifier IR2136SPBF Datasheet HTML 20Page - International Rectifier IR2136SPBF Datasheet HTML 21Page - International Rectifier IR2136SPBF Datasheet HTML 22Page - International Rectifier IR2136SPBF Datasheet HTML 23Page - International Rectifier IR2136SPBF Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
20
www.irf.com
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Typ.
Max.
Figure 18A. High Level Output vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
Supply Voltage (V)
Figure 18B. High Level Output vs. Supply Voltage
Typ.
Max.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Typ.
Max.
Figure 19A. Low Level Output vs. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
12
14
16
18
20
Supply Voltage (V)
Figure 17D. ITRIP Positive Going Threshold vs.
Supply Voltage (IR21365/IR21367/IR21368 Only)
Typ.
Max.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com