Electronic Components Datasheet Search
  English  ▼

X  

IR2136SPBF Datasheet(PDF) 26 Page - International Rectifier

Part # IR2136SPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136SPBF Datasheet(HTML) 26 Page - International Rectifier

Back Button IR2136SPBF Datasheet HTML 22Page - International Rectifier IR2136SPBF Datasheet HTML 23Page - International Rectifier IR2136SPBF Datasheet HTML 24Page - International Rectifier IR2136SPBF Datasheet HTML 25Page - International Rectifier IR2136SPBF Datasheet HTML 26Page - International Rectifier IR2136SPBF Datasheet HTML 27Page - International Rectifier IR2136SPBF Datasheet HTML 28Page - International Rectifier IR2136SPBF Datasheet HTML 29Page - International Rectifier IR2136SPBF Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
26
www.irf.com
0
1
2
3
4
10
12
14
16
18
20
Supply Voltage (V)
Figure 30D. Logic "0" Input Current vs.
Supply Voltage (IR21362 High Side Only)
Typ.
Max.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Typ.
Max.
Figure 31A. "High" ITRIP Current vs. Temperature
0
50
100
150
200
250
10
12
14
16
18
20
Supply Voltage (V)
Figure 31B. "High" ITRIP Current vs. Supply Voltage
Typ.
Max.
0
1
2
3
4
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Max.
Figure 32A. "Low" ITRIP Current vs. Temperature
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com