Electronic Components Datasheet Search
  English  ▼

X  

THS4304DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 4 Page - Texas Instruments

  THS4304DBVR Datasheet HTML 1Page - Texas Instruments THS4304DBVR Datasheet HTML 2Page - Texas Instruments THS4304DBVR Datasheet HTML 3Page - Texas Instruments THS4304DBVR Datasheet HTML 4Page - Texas Instruments THS4304DBVR Datasheet HTML 5Page - Texas Instruments THS4304DBVR Datasheet HTML 6Page - Texas Instruments THS4304DBVR Datasheet HTML 7Page - Texas Instruments THS4304DBVR Datasheet HTML 8Page - Texas Instruments THS4304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
Specifications: V
S = 5 V: RF = 249 Ω, RL = 100 Ω, and G = +2 unless otherwise noted
TYP
OVER TEMPERATURE
TEST
PARAMETER
CONDITIONS
0
°C to
–40
°C to
MIN/
LEVEL(1)
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
AC PERFORMANCE
G = +1, VO = 100 mVpp
3
GHz
Typ
C
G = +2, VO = 100 mVpp
1
GHz
Typ
C
Small-Signal Bandwidth
G = +5, VO = 100 mVpp
187
MHz
Typ
C
G = +10, VO = 100 mVpp
87
MHz
Typ
C
Gain Bandwidth Product
G >+10
870
MHz
Typ
C
0.1-dB Flat Bandwidth
G= +2, VO = 100 mVpp,
300
MHz
Typ
C
CF = 0.5 pF
Large-Signal Bandwidth
G = +2, VO = 2 VPP
240
MHz
Typ
C
G = +2, VO = 1-V Step
830
V/
µs
Typ
C
Slew Rate
G = +2, VO = 2-V Step
790
V/
µs
Typ
C
Settling Time to 1%
G = –2, VO = 2-V Step
4.5
ns
Typ
C
Settling Time to 0.1%
G = –2, VO = 2-V Step
7.5
ns
Typ
C
Settling Time to 0.01%
G = –2, VO = 2-V Step
35
ns
Typ
C
Rise / Fall Times
G = +2, VO = 2-V Step
2.5
ns
Typ
C
Harmonic Distortion
RL= 100 Ω
–84
dBc
Typ
C
Second Harmonic Distortion
G = +2,
RL = 1 kΩ
–95
dBc
Typ
C
VO = 2 VPP,
RL = 100 Ω
–100
dBc
Typ
C
f = 10 MHz
Third Harmonic Distortion
RL = 1 kΩ
–100
dBc
Typ
C
Third-Order Intermodulation
–84
dBc
Typ
C
G = +2, VO= 2-VPP envelope,
Distortion (IMD3)
200-kHz tone spacing,
Third-Order Output Intercept
f = 20 MHz
48
dBm
Typ
C
(OIP3)
Noise Figure
G = +2, f = 1 GHz
15
dB
Typ
C
Input Voltage Noise
f = 1 MHz
2.4
nV/
√Hz
Typ
C
Input Current Noise
f = 1 MHz
2.1
pA/
√Hz
Typ
C
DC PERFORMANCE
Open-Loop Voltage Gain
VO = ± 0.8 V, VCM = 2.5 V
65
54
50
50
dB
Min
A
(AOL)
Input Offset Voltage
0.5
4
5
5
mV
Max
A
Input Offset Voltage Drift
5
5
µV/°C
Typ
B
Input Bias Current
7
12
18
18
µA
Max
A
VCM = 2.5 V
Input Bias Current Drift
50
50
nA/
°C
Typ
B
Input Offset Current
0.5
1
1.2
1.2
µA
Max
A
Input Offset Current Drift
10
10
nA/
°C
Typ
B
INPUT CHARACTERISTICS
Common-Mode Input Range
–0.2 to
0.2 to
0.4 to
0.4 to
V
Min
A
5.2
4.8
4.6
4.6
Common-Mode Rejection
VO = ± 0.2 V, VCM = 2.5 V
95
80
73
73
dB
Min
A
Ratio
Input Resistance
100
k
Ω
Typ
C
Each input, referenced to GND
Input Capacitance
1.5
pF
Typ
C
(1)
Test levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com