Electronic Components Datasheet Search
  English  ▼

X  

THS4304DBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVR
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4304DBVR Datasheet HTML 15Page - Texas Instruments THS4304DBVR Datasheet HTML 16Page - Texas Instruments THS4304DBVR Datasheet HTML 17Page - Texas Instruments THS4304DBVR Datasheet HTML 18Page - Texas Instruments THS4304DBVR Datasheet HTML 19Page - Texas Instruments THS4304DBVR Datasheet HTML 20Page - Texas Instruments THS4304DBVR Datasheet HTML 21Page - Texas Instruments THS4304DBVR Datasheet HTML 22Page - Texas Instruments THS4304DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.ti.com
NON-INVERTING GAIN WITH SPLIT SUPPLY
1
2
4
3
5
C8
0
R8
249 W
249 W
R7
+VS
U1
−VS
+VS
FB1
FB2
−VS
+VS
GND
GND
J3
J4
J6
J5
C5
0.1 mF
C1
3.3 mF
GND
TP1
C2
3.3 mF
C4
0.1 mF
J1
C7
R10
0
0
R11
49.9 W
−VS
THS4304DBV
R2
49.9 W
C9
0
J2
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
The following schematic shows how to configure the operational amplifier for non-inverting gain with split power
supply (
± 2.5V). This is how the EVM is supplied from TI. This configuration is convenient for test purposes
because most signal generators and analyzer are designed to use ground-referenced signals by default. Note
the input and output provides 50-
Ω termination.
Figure 52. Non-Inverting Gain with Split Power Supply
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com