Electronic Components Datasheet Search
  English  ▼

X  

TPJ1209SA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPJ1209SA
Description  1W 6KVDC Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ1209SA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPJ1209SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ1209SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ1209SA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPJ Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 /3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Dual Output
Pin
Function
1
+Vin
2
-Vin
5
-Vout
6
OV
7
+Vout
Single Output
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Weight: 4.3g
AII dimensions in mm ±0.25mm. AII pins on a 2.54mm pitch and within ±0.25m m
of true position.
* Pin not fitted on singIe output variants.
All dimensions in mm±0.25mm
0.60±0.15
1.50
5.20
5.00
6.00
14.20
UnIess otherwise stated aII dimensions in ±mm ±0.5mm.
Tube Iength : 25mm±2mm.
Tube Quantity : 25
1.15
1.00
5 HOLES
2.54
2.54
YYWW
TPJ0505S
19.50
0.55
0.45
1
2
5
6
7
9.80
12.50
0.55
0.45
4.60
3.60
0.30
0.20
2.40
1.88±0.75
bottom view
*
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com